Part Number Hot Search : 
G5U1118 WL102B 225NY 15M75 LTC31 001SMB LCE17A 1N6303
Product Description
Full Text Search
 

To Download AT49F080-15RI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? single voltage operation C 5v read C 5v reprogramming ? fast read access time - 90 ns ? internal program control and timer ? 16k bytes boot block with lockout ? fast erase cycle time - 10 seconds ? byte-by-byte programming - 10 s/byte typical ? hardware data protection ? data polling for end of program detection ? low power dissipation C 50 ma active current C 100 a cmos standby current ? typical 10,000 write cycles description the at49f080(t) is a 5-volt only in-system flash memory device. its 8-megabits of memory is organized as 1,024,576 words by 8-bits. manufactured with atmels advanced nonvolatile cmos technology, the device offers access times to 90 ns with power dissipation of just 275 mw over the commercial temperature range. when the device is deselected, the cmos standby current is less than 100 m a. the device contains a user-enabled boot block protection feature. two versions of the feature are available: the at49f080 locates the boot block at lowest order addresses (bottom boot); the at49f080t locates it at highest order addresses (top boot). 8-megabit (1m x 8) 5-volt only flash memory at 4 9 f 0 8 0 at49f080t rev. 0584cC10/98 pin configurations pin name function a0 - a19 addresses ce chip enable oe output enable we write enable reset reset rdy/busy ready/busy output i/o0 - i/o7 data inputs/outputs nc no connect cbga top view a b c d e f 1 234567 a5 a4 a6 a3 a2 a1 a8 a7 a9 i/o1 a0 i/o0 a11 a10 rst nc i/o3 i/o2 nc vcc ce vcc gnd gnd a12 a13 a14 i/o4 i/o6 i/o5 a15 nc a16 i/o7 oe ry/by a17 a18 a19 nc nc we (continued) soic 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 nc reset a11 a10 a9 a8 a7 a6 a5 a4 nc nc a3 a2 a1 a0 i/o0 i/o1 i/o2 i/o3 gnd gnd vcc ce a12 a13 a14 a15 a16 a17 a18 a19 nc nc nc nc we oe rdy/busy i/o7 i/o6 i/o5 i/o4 vcc tsop top view type 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 a19 a18 a17 a16 a15 a14 a13 a12 ce vcc nc reset a11 a10 a9 a8 a7 a6 a5 a4 nc nc we oe rdy/busy i/o7 i/o6 i/o5 i/o4 vcc gnd gnd i/o3 i/o2 i/o1 i/o0 a0 a1 a2 a3
at49f080(t) 2 to allow for simple in-system reprogrammability, the at49f080(t) does not require high input voltages for pro- gramming. 5-volt-only commands determine the read and programming operation of the device. reading data out of the device is similar to reading from an eprom. repro- gramming the at49f080(t) is performed by erasing the entire 8 megabits of memory and then programming on a byte-by-byte basis. the typical byte programming time is a fast 10 m s. the end of a program cycle can be optionally detected by the data polling feature. once the end of a byte program cycle has been detected, a new access for a read or program can begin. the typical number of program and erase cycles is in excess of 10,000 cycles the optional 16k bytes boot block section includes a repro- gramming write lock out feature to provide data integrity. the boot sector is designed to contain user secure code, and when the feature is enabled, the boot sector is perma- nently protected from being reprogrammed. block diagram device operation read: the at49f080(t) is accessed like an eprom. when ce and oe are low and we is high, the data stored at the memory location determined by the address pins is asserted on the outputs. the outputs are put in the high impedance state whenever ce or oe is high. this dual- line control gives designers flexibility in preventing bus con- tention. erasure: before a byte can be reprogrammed, the 1024k bytes memory array (or 1008k bytes if the boot block featured is used) must be erased. the erased state of the memory bits is a logical 1. the entire device can be erased at one time by using a 6-byte software code. the software chip erase code consists of 6-byte load com- mands to specific address locations with a specific data pattern (please refer to the chip erase cycle waveforms). after the software chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. the maximum time needed to erase the whole chip is t ec . if the boot block lockout feature has been enabled, the data in the boot sector will not be erased. byte programming: once the memory array is erased, the device is programmed (to a logical 0) on a byte-by-byte basis. please note that a data 0 cannot be programmed back to a 1; only erase operations can con- vert 0s to 1s. programming is accomplished via the internal device command register and is a 4 bus cycle operation (please refer to the command definitions table). the device will automatically generate the required internal program pulses. the program cycle has addresses latched on the falling edge of we or ce , whichever occurs last, and the data latched on the rising edge of we or ce , whichever occurs first. programming is completed after the specified t bp cycle time. the data polling feature may also be used to indi- cate the end of a program cycle. boot block programming lockout: the device has one designated block that has a programming lockout feature. this feature prevents programming of data in the designated block once the feature has been enabled. the size of the block is 16k bytes. this block, referred to as the boot block, can contain secure code that is used to bring up the system. enabling the lockout feature will allow the boot code to stay in the device while data in the rest of the device is updated. this feature does not have to be acti- vated; the boot block's usage as a write protected region is oe, ce, and we logic y decoder x decoder input/output buffers data latch y-gating optional boot block (16k bytes) main memory (1008k bytes) address inputs data inputs/outputs i/o7 - i/o0 8 04000h 03fffh 00000h input/output buffers data latch y-gating optional boot block (16k bytes) main memory (1008k bytes) fc000h fbfffh 00000h at49f080t at49f080 data inputs/outputs i/o7 - i/o0 8 fffffh fffffh oe we ce vcc gnd
at49f080(t) 3 optional to the user. the address range of the at49f080 boot block is 00000h to 03fffh while the address range of the at49f080t boot block is fc000h to fffffh. to activate the lockout feature, a series of six program commands to specific addresses with specific data must be performed. please refer to the command definitions table. boot block lockout detection: a software method is available to determine if programming of the boot block section is locked out. when the device is in the soft- ware product identification mode (see software product identification entry and exit sections) a read from address location 00002h will show if programming the boot block is locked out for the at49f080, and a read from address location f3002h will show if programming the boot block is locked out for the at49f080t. if the data on i/o0 is low, the boot block can be programmed; if the data on i/o0 is high, the program lockout feature has been activated and the block cannot be programmed. the software product identification exit code should be used to return to standard operation. boot block programming lockout over- ride: the user can override the boot block programming lockout by taking the reset pin to 12v 0.5v. by doing this, protected boot block data can be altered through a chip erase, or byte programming. when the reset pin is brought back to ttl levels, the boot block programming lockout feature is again active. product identification: the product identification mode identifies the device and manufacturer as atmel. it may be accessed by hardware or software operation. the hardware operation mode can be used by an external pro- grammer to identify the correct programming algorithm for the atmel product. for details, see operating modes (for hardware operation) or software product identification. the manufacturer and device code is the same for both modes. data polling: the at49f080(t) features data poll- ing to indicate the end of a program cycle. during a pro- gram cycle an attempted read of the last byte loaded will result in the complement of the loaded data on i/o7. once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. data polling may begin at any time during the program cycle. toggle bit: in addition to data polling, the at49f080(t) provides another method for determining the end of a program or erase cycle. during a program or erase operation, successive attempts to read data from the device will result in i/o6 toggling between one and zero. once the program cycle has completed, i/o6 will stop tog- gling and valid data will be read. examining the toggle bit may begin at any time during a program cycle. rdy/busy : an open drain ready/busy output pin pro- vides another method of detecting the end of a program or erase operation. rdy/busy is actively pulled low during the internal program and erase cycles and is released at the completion of the cycle. the open drain connection allows for or - tying of several devices to the same rdy/busy line. reset: a reset input pin is provided to ease some sys- tem applications. when reset is at a logic high level, the device is in its standard operating mode. a low level on the reset input halts the present device operation and puts the outputs of the device in a high impedance state. if the reset pin makes a high to low transition during a program or erase operation, the operation may not be successfully completed and the operation will have to be repeated after a high level is applied to the reset pin. when a high level is reasserted on the reset pin, the device returns to the read or standby mode, depending upon the state of the control inputs. by applying a 12v 0.5v input signal to the reset pin, the boot block array can be reprogrammed even if the boot block lockout feature has been enabled (see boot block programming lockout override section). hardware data protection: hardware features protect against inadvertent programs to the at49f080(t) in the following ways: (a) v cc sense: if v cc is below 3.8v (typical), the program function is inhibited. (b) program inhibit: holding any one of oe low, ce high or we high inhibits program cycles. (c) noise filter: pulses of less than 15 ns (typical) on the we or ce inputs will not initiate a pro- gram cycle.
at49f080(t) 4 notes: 1. the 16k byte boot sector has the address range 00000h to 03fffh for the at49f080 and fc000h to fffffh for the at49f080t. 2. either one of the product id exit commands can be used. command definition (in hex) command sequence bus cycles 1st bus cycle 2nd bus cycle 3rd bus cycle 4th bus cycle 5th bus cycle 6th bus cycle addr data addr data addr data addr data addr data addr data read 1 addr d out chip erase 6 5555 aa 2aaa 55 5555 80 5555 aa 2aaa 55 5555 10 byte program 4 5555 aa 2aaa 55 5555 a0 addr d in boot block lockout (1) 6 5555 aa 2aaa 55 5555 80 5555 aa 2aaa 55 5555 40 product id entry 3 5555 aa 2aaa 55 5555 90 product id exit (2) 3 5555 aa 2aaa 55 5555 f0 product id exit (2) 1 xxxx f0 absolute maximum ratings* temperature under bias................................ -55c to +125c *notice: stresses beyond those listed under absolute maximum ratings may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65c to +150c all input voltages (including nc pins) with respect to ground ...................................-0.6v to +6.25v all output voltages with respect to ground .............................-0.6v to v cc + 0.6v voltage on oe with respect to ground ...................................-0.6v to +13.5v
at49f080(t) 5 notes: 1. x can be v il or v ih . 2. refer to ac programming waveforms. 3. v h = 12.0v 0.5v 4. manufacturer code: 1fh device code: 23h (at49f080), 27h (at49f080t) 5. see details under software product identification entry/exit.. note: 1. i cc in the erase mode is 90 ma. dc and ac operating range at49f080(t)-90 at49f080(t)-12 at49f080(t)-15 operating temperature (case) com. 0c - 70c 0c - 70c 0c - 70c ind. -40c - 85c -40c - 85c -40c - 85c v cc power supply 5v 10% 5v 10% 5v 10% operating modes mode ce oe we reset ai i/o rdy/busy read v il v il v ih v ih ai d out v oh program (2) v il v ih v il v ih ai d in v ol standby/write inhibit v ih x (1) xv ih x high z v oh program inhibit x x v ih v ih v oh program inhibit x v il xv ih v oh output disable x v ih xv ih high z v oh reset x x x v il x high z product identification hardware v il v il v ih v ih a1 - a19 = v il , a9 = v h , (3) a0 = v il manufacturer code (4) a1 - a19 = v il , a9 = v h , (3) a0 = v ih device code (4) software (5) a0 = v il , a1 - a19 = v il manufacturer code (4) a0 = v ih , a1 - a19 = v il device code (4) dc characteristics symbol parameter condition min max units i li input load current v in = 0v to v cc 10 m a i lo output leakage current v i/o = 0v to v cc 10 m a i sb1 v cc standby current cmos ce = v cc - 0.3v to v cc com. 100 m a ind. 300 m a i sb2 v cc standby current ttl ce = 2.0v to v cc 3ma i cc (1) v cc active current f = 5 mhz; i out = 0 ma 50 ma v il input low voltage 0.8 v v ih input high voltage 2.0 v v ol output low voltage i ol = 2.1 ma 0.45 v v oh1 output high voltage i oh = -400 m a2.4v v oh2 output high voltage cmos i oh = -100 m a; v cc = 4.5v 4.2 v
at49f080(t) 6 ac read waveforms notes: 1. ce may be delayed up to t acc - t ce after the address transition without impact on t acc . 2. oe may be delayed up to t ce - t oe after the falling edge of ce without impact on t ce or by t acc - t oe after an address change without impact on t acc . 3. t df is specified from oe or ce whichever occurs first (cl = 5 pf). 4. this parameter is characterized and is not 100% tested. input test waveforms and measurement level t r , t f < 5 ns output test load note: 1. this parameter is characterized and is not 100% tested. ac read characteristics symbol parameter at49f080(t)-90 at49f080(t)-12 at49f080(t)-15 units min max min max min max t acc address to output delay 90 120 150 ns t ce (1) ce to output delay 90 120 150 ns t oe (2) oe to output delay 0 40 0 50 0 70 ns t df (3)(4) ce or oe to output float 0 25 0 30 0 40 ns t oh output hold from oe , ce or address, whichever occurred first 000ns address output high z output oe ce t acc t oe t df t oh t ce valid address valid ac measurement level ac driving levels 0.0v 3.0v 1.5v output pin 5.0v 100 pf 1.8k 1.3k pin capacitance f = 1 mhz, t = 25c (1) symbol typ max units conditions c in 46pfv in = 0v c out 812pfv out = 0v
at49f080(t) 7 ac byte load waveforms we controlled ce controlled ac byte load characteristics symbol parameter min max units t as , t oes address, oe set-up time 0 ns t ah address hold time 50 ns t cs chip select set-up time 0 ns t ch chip select hold time 0 ns t wp write pulse width (we or ce )90ns t ds data set-up time 50 ns t dh , t oeh data, oe hold time 0 ns t wph write pulse width high 90 ns address ce data in we t wp t wph t ah oe t oes t as t oeh t ch t cs t ds t dh address we data in ce t wp t wph t ah oe t oes t as t oeh t ch t cs t ds t dh
at49f080(t) 8 program cycle waveforms chip erase cycle waveforms note: oe must be high only when we and ce are both low. program cycle characteristics symbol parameter min typ max units t bp byte programming time 10 50 m s t as address set-up time 0 ns t ah address hold time 50 ns t ds data set-up time 50 ns t dh data hold time 0 ns t wp write pulse width 90 ns t wph write pulse width high 90 ns t ec erase cycle time 10 seconds ce we data a0-a19 t bp t ah oe t as t wph t ds t dh t wp 5555 2aaa 5555 aa 55 a0 address program cycle input data ce we data a0-a19 t ah oe t as t wph t ds t dh t wp 5555 2aaa 5555 aa 55 80 5555 2aaa 5555 aa 55 10 byte 0 byte 1 byte 2 byte 3 byte 4 byte 5 t ec
at49f080(t) 9 notes: 1. these parameters are characterized and not 100% tested 2. see t oe spec in ac read characteristics. data polling waveforms notes: 1. these parameters are characterized and not 100% tested. 2. see t oe spec in ac read characteristics. toggle bit waveforms (1)(2)(3) notes: 1. toggling either oe or ce or both oe and ce will operate toggle bit. the t oehp specification must be met by the toggling input(s). 2. beginning and ending state of i/o6 will vary. 3. any address location may be used but the address should not vary. data polling characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t wr write recovery time 0 ns toggle bit characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t oehp oe high pulse 150 ns t wr write recovery time 0 ns ce oe i/o7 t oe we t dh an t oeh t wr a0-a19 an an an an high z ce oe i/o6 t oe we t dh t oehp high z t oeh t wr
at49f080(t) 10 software product identification entry (1) software product identification exit (1) notes: 1. data format: i/o7 - i/o0 (hex); address format: a14 - a0 (hex). 2. a1 - a19 = v il . manufacture code is read for a0 = v il ; device code is read for a0 = v ih . 3. the device does not remain in identification mode if powered down. 4. the device returns to standard operation mode. 5. manufacturers code: 1fh device code: 23h (at49f080), 27h (at49f080t) boot block lockout feature enable algorithm (1) notes: 1. data format: i/07 - i/o0 (hex); address format: a14 - a0 (hex). 2. boot block lockout feature enabled. load data aa to address 5555 load data 55 to address 2aaa load data 90 to address 5555 enter product identification mode (2)(3)(5) load data aa to address 5555 load data 55 to address 2aaa load data f0 to address 5555 exit product identification mode (4) or load data f0 to any address exit product identification mode (4) load data aa to address 5555 load data 55 to address 2aaa load data 80 to address 5555 load data aa to address 5555 load data 55 to address 2aaa load data 40 to address 5555 pause 1 second (2)
at49f080(t) 11 at49f080 ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 90 50 0.1 at49f080-90cc at49f080-90rc at49f080-90tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080-90ci at49f080-90ri at49f080-90ti 42c2 44r 40t industrial (-40 to 85 c) 120 50 0.1 at49f080-12cc at49f080-12rc at49f080-12tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080-12ci at49f080-12ri at49f080-12ti 42c2 44r 40t industrial (-40 to 85 c) 150 50 0.1 at49f080-15cc at49f080-15rc at49f080-15tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080-15ti at49f080-15ti at49f080-15ti 42c2 44r 40t industrial (-40 to 85 c) package type 42c2 42-ball, plastic chip-size ball grid array package (cbga) 8 x 14 mm 44r 44-lead, 0.525" wide, plastic gull wing small outline package (soic/sop) 40t 40-lead, thin small outline package (tsop) (continued)
at49f080(t) 12 at49f080t ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 90 50 0.1 at49f080t-90cc at49f080t-90rc at49f080t-90tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080t-90ci at49f080t-90ri at49f080t-90ti 42c2 44r 40t industrial (-40 to 85 c) 120 50 0.1 at49f080t-12cc at49f080t-12rc at49f080t-12tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080t-12ci at49f080t-12ri at49f080t-12ti 42c2 44r 40t industrial (-40 to 85 c) 150 50 0.1 at49f080t-15cc at49f080t-15rc at49f080t-15tc 42c2 44r 40t commercial (0 to 70 c) 50 0.3 at49f080t-15ci at49f080t-15ri at49f080t-15ti 42c2 44r 40t industrial (-40 to 85 c) package type 42c2 42-ball, plastic chip-size ball grid array package (cbga) 8 x 14 mm 44r 44-lead, 0.525" wide, plastic gull wing small outline package (soic/sop) 40t 40-lead, thin small outline package (tsop)
at49f080(t) 13 packaging information 44r , 44-lead, 0.525" wide, plastic gull wing small outline (soic) dimensions in inches and (millimeters) 40t , 40-lead, plastic thin small outline package (tsop) dimensions in millimeters and (inches) * 42c2 , 42-ball, plastic chip-size ball grid array package (cbga) dimensions in millimeters and (inches) * *controlling dimension: millimeters a b c d e f 7 654321 5.0 (0.197) 4.6 (0.181) 4.3 (0.169) 0.46 (0.018) dia ball typ 1.12 (0.044) 0.86 (0.034) 6.0 (0.236) 8.2 (0.323) 7.8 (0.307) 1.40 (0.055) max 0.30 (0.012) 14.2 (0.559) 13.8 (0.543) 1.00 (0,039) bsc non-accumulative
at49f080(t) 14
at49f080(t) 15
? atmel corporation 1998. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the companys standard war- ranty which is detailed in atmels terms and conditions located on the companys website. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any tim e without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectu al prop- erty of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmels pr oducts are not authorized for use as critical components in life support devices or systems. marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel u.k., ltd. coliseum business centre riverside way camberley, surrey gu15 3yl england tel (44) 1276-686677 fax (44) 1276-686697 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon, hong kong tel (852) 27219778 fax (852) 27221369 japan atmel japan k.k. tonetsu shinkawa bldg., 9f 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex, france tel (33) 4 42 53 60 00 fax (33) 4 42 53 60 01 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 0584cC10/98/xm


▲Up To Search▲   

 
Price & Availability of AT49F080-15RI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X